PART |
Description |
Maker |
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KM681000AL-LPI-7L-L KM62256BLPI-85L KM681000ALPI-8 |
128K X 8 STANDARD SRAM, 70 ns, PDIP32 DIP-32 32K X 8 STANDARD SRAM, 85 ns, PDIP28 DIP-28 128K X 8 STANDARD SRAM, 85 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 100 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDSO32 SOP-32 128K X 8 STANDARD SRAM, 45 ns, PDSO32 128K X 8 STANDARD SRAM, 45 ns, PDIP 32K X 8 STANDARD SRAM, 120 ns, PDIP28 256K X 16 STANDARD SRAM, 45 ns, PDSO 256K X 16 STANDARD SRAM, 70 ns, PDSO 64K X 8 STANDARD SRAM, 85 ns, PDSO32 32K X 8 STANDARD SRAM, 70 ns, PDSO32 64K X 16 STANDARD SRAM, 45 ns, PDSO40 256K X 16 STANDARD SRAM, 55 ns, PDSO40 64K X 16 STANDARD SRAM, 55 ns, PDSO 128K X 8 STANDARD SRAM, 85 ns, PDSO32
|
Coilcraft, Inc.
|
CY7C1351F CY7C1351F-100AC CY7C1351F-100AI CY7C1351 |
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 11 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture 4-Mb (128K x 36) Flow-through SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M68AW128ML55ND6F M68AW128ML70ZB6T M68AW128M M68AW1 |
128K X 16 STANDARD SRAM, 70 ns, PDSO44 2兆位28K的16.0V异步SRAM BACKSHELL 2 Mbit (128K x16) 3.0V Asynchronous SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CY7C1018CV33-12VC CY7C1018CV33-8VC CY7C1018CV33 CY |
128K x 8 static RAM, 8ns Memory : Async SRAMs 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS5SS128K36DQ-12/XT AS5SS128K36DQ-12/IT AS5SS128K3 |
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT 128K X 36 ZBT SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
GS73024B-15I GS73024B GS73024B-10 GS73024B-10I GS7 |
3Mb28K x 24Bit)Asynchronous SRAM(3M位(128K x 24位)异步静态RAM) 128K X 24 3MB ASYNCHRONOUS SRAM 128KX 24 3MB的异步SRAM 128K X 24 3MB ASYNCHRONOUS SRAM 128K的X 24 3MB的异步SRAM
|
List of Unclassifed Manufacturers ETC[ETC] GSI Technology Electronic Theatre Controls, Inc.
|
CY7C1009B CY7C109B-35VI CY7C109B-20ZC CY7C109BL-15 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS07; No. of Contacts:42; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 6C 6#8(TWINAX) PIN RECP 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TV 128C 128#22D PIN WALL REC 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
CY14B101LA-SZ45XI CY14B101LA-SZ45XC CY14B101LA-SZ4 |
128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO48 128K X 8 NON-VOLATILE SRAM, 45 ns, PDSO48 128K X 8 NON-VOLATILE SRAM, 25 ns, PDSO32 128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO32 1 Mbit (128K x 8/64K x 16) nvSRAM
|
CYPRESS SEMICONDUCTOR CORP http://
|
|